Part Number Hot Search : 
FM260 1N3023 035CT 4063A CZRW5254 9479E SMA75 L9120
Product Description
Full Text Search
 

To Download DDTC143EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30337 rev. 4 - 2 1 of 3 ddtc (r1 = r2 series) ka www.diodes.com  diodes incorporated ddtc (r1 = r2 series) ka npn pre-biased small signal sc-59 surface mount transistor  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistors, r1 = r2  also available in lead free version characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtc123eka DDTC143EKA ddtc114eka ddtc124eka ddtc144eka ddtc115eka v in -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 v output current ddtc123eka DDTC143EKA ddtc114eka ddtc124eka ddtc144eka ddtc115eka i o 100 100 50 30 100 20 ma output current all i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sc-59, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.008 grams (approx.)  ordering information (see page 2) t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd out p/n r1, r2 (nom) marking ddtc123eka DDTC143EKA ddtc114eka ddtc124eka ddtc144eka ddtc115eka 2.2k  4.7k  10k  22k  47k  100k  n04 n08 n13 n17 n20 n24 sc-59 dim min max a 0.35 0.50 b 1.50 1.70 c 2.70 3.00 d 0.95 g 1.90 h 2.90 3.10 j 0.013 0.10 k 1.00 1.30 l 0.35 0.55 m 0.10 0.20  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. a m j l f d b c h k g b e c
ds30337 rev. 4 - 2 2 of 3 ddtc (r1 = r2 series) ka www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) 0.5 1.1  v v cc = 5v, i o = 100  a v l(on)  1.9 3 v o = 0.3v, i o = 20ma, ddtc123eka v o = 0.3v, i o = 20ma, DDTC143EKA v o = 0.3v, i o = 10ma, ddtc114eka v o = 0.3v, i o = 5ma, ddtc124eka v o = 0.3v, i o = 2ma, ddtc144eka v o = 0.3v, i o = 1ma, ddtc115eka output voltage v o(on)  0.1 0.3 v i o /i l =10ma/0.5ma, ddtc123eka i o /i l =10ma/0.5ma, DDTC143EKA i o /i l =10ma/0.5ma, ddtc114eka i o /i l =10ma/0.5ma, ddtc124eka i o /i l =10ma/0.5ma, ddtc144eka i o /i l =5ma/0.25ma, ddtc115eka input current ddtc123eka DDTC143EKA ddtc114eka ddtc124eka ddtc144eka ddtc115eka i l  3.8 1.8 0.88 0.36 0.18 0.15 ma v i = 5v output current i o(off)  0.5  a v cc = 50v, v i = 0v dc current gain ddtc123eka DDTC143EKA ddtc114eka ddtc124eka ddtc144eka ddtc115eka g l 20 20 30 56 68 82  v o = 5v, i o = 20ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor (r 1 ) tolerance r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = 10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddtc115eka-7-f. device packaging shipping ddtc123eka-7 sc-59 3000/tape & reel DDTC143EKA-7 sc-59 3000/tape & reel ddtc114eka-7 sc-59 3000/tape & reel ddtc124eka-7 sc-59 3000/tape & reel ddtc144eka-7 sc-59 3000/tape & reel ddtc115eka-7 sc-59 3000/tape & reel ordering information (note 2)
ds30337 rev. 4 - 2 3 of 3 ddtc (r1 = r2 series) ka www.diodes.com 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e 75 c -25c 5 67 25c 0 1 2 3 4 0 20 30 c , capacitance (pf) ob v , reverse bias voltage (v) r fig. 4 output capacitance 5 10 5 15 25 i = 0ma e 10 1000 100 1 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 050100150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - DDTC143EKA t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTC143EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X